PART |
Description |
Maker |
APL1087R APL1087R-25DC-TR APL1087R-18DC-TUL APL108 |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, and 3.3V 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
|
Anpec Electronics, Corp. ANPEC[Anpec Electronics Coropration]
|
APL1087R-18DC-TUL APL1087R-18DC-TRL APL1087R-18EC- |
800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V 800mA的低压差快速反应积极可调稳压器和固.8V.5V.3V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
AMS2908CD-50 AMS2908 AMS2908-15 AMS2908-25 AMS2908 |
1.5V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
TCL1117 TCL1117-2.85 TCL1117-2.85CDB TCL1117-2.85C |
800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作2.85V.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V 800mA的低压差型可调和固定工作.85V3.30V.00V阳性调节器 800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V/ 3.30V/ 5.00V
|
TelCom Semiconductor, Inc. TELCOM[TelCom Semiconductor, Inc]
|
AMS290805 AMS2908-1.5 AMS2908-1.8 AMS2908-3.3 AMS2 |
800mA LOW DROPOUT VOLTAGE REGULATOR
|
Advanced Monolithic Systems
|
LND1117-1.5 LND1117-3.0 LND1117-5.0 LND1117-2.5 LN |
800mA Low Dropout Voltage Regulator
|
http:// Linear Dimensions Semiconductor
|
TS1117BCW33 TS1117BCW50 TS1117BCW18 TS1117BCW25 |
800mA Low Dropout Positive Voltage Regulator
|
TY Semiconductor Co., Ltd TY Semiconductor Co., L...
|
IRU1117-18 |
800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
|
International Rectifier
|
AIC1732 AIC1732-33 AIC1732-33CX AIC1732-34CX AIC17 |
800mA Low Dropout Positive Adjustable Regulator 800mA的低压差可调稳压器正
|
Analog Integrations, Corp. AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
LT1117IST LT1117_02 LT1117 LT1117-2.85 LT1117-3.3 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4
|
http:// LINER[Linear Technology] Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|